Part Number Hot Search : 
74HC368D SK310 03952 MJ16012 SW70N10V M74VHC AMN11112 W91531LN
Product Description
Full Text Search
 

To Download MAAV-007941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAV-007941
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
Features
* * * * * * * * * * * 12 dB Voltage Variable Attenuation Low Intermodulation Products Low DC Power Consumption: 50 W Single Voltage Control: 0 to -4 Volts Nanosecond Switching Speed Temperature Range: -40C to +85C Lead-Free SOIC-8 Plastic Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AT-250 Rev. V1
Functional Schematic
RF2
8
GND
7
GND
6
GND
5
Description M/A-COM's MAAV-007941 is a GaAs MMIC voltage variable absorptive attenuator in a low cost lead-free SOIC 8-lead surface mount plastic package. The MAAV-007941 is ideally suited for use where attenuation fine tuning, fast switching and very low power consumption are required. Typical applications include radio, cellular, GPS equipment and other automatic gain/level control circuits. The MAAV-007941 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
1
2
3
4
RF1
GND
GND
VC
Pin Configuration
Pin No.
1 2 3 4
Function
RF1 Ground Ground VC
Pin No.
5 6 7 8
Function
Ground Ground Ground RF2
Ordering Information 1
Part Number
MAAV-007941-000000 MAAV-007941-TR3000
Absolute Maximum Ratings 2
Package
Bulk Packaging 3000 piece reel
Parameter
Input Power Control Voltage Operating Temperature Storing Temperature
Absolute Maximum
+21 dBm +5V, -8.5V -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
* Restrictions on Hazardous Substances, European Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007941
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter Test Conditions 3
DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz
Rev. V1
Units
dB dB dB dB dB dB dB dB Ratio
Min.
-- -- -- -- -- -- -- -- -- -- -- -- -- -- 28 40
Typ.
2.9 3.0 3.2 3.4 + 0.1 + 0.2 + 0.5 + 1.2 2.1:1 3 5 10 13 21 34 47
Max.
3.1 3.2 3.5 3.8 + 0.3 + 0.4 + 0.8 + 1.5 -- -- -- -- -- -- -- --
Insertion Loss
Flatness (Peak to Peak) VSWR Trise, Tfall Ton, Toff Transients Power Handling
10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Linear Operation Absolute Maximum Input Power 0.05 GHz 0.5 - 2.0 GHz Measured Relative to Input Power (For two-tone Input Power Up to +5 dBm) 0.05 GHz 0.5 - 2.0 GHz Measured Relative to Input Power (For two-tone Input Power Up to +5 dBm)
nS nS mV dBm dBm dBm dBm
IP2
IP3
4
dBm dBm
18 18.5
31 36
-- --
3. Control voltage: 0 to -4 volts @ 20 A typical. 4. Typical readings are for levels above 6 dB attenuation. For levels below 6 dB, the minimum specification numbers apply.
Lead-Free SOIC-8
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAV-007941
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
Typical Performance Curves
Insertion Loss vs. Frequency
4
Rev. V1
Attenuation vs. Frequency
20
Atten5 Atten10 Atten15
3
+25C -40C +85C
15
2
10
1
5
0 0.0
0.5
1.0
1.5
2.0
0 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency
2.0
Attenuation vs. Control Voltage, F = 950 MHz
15
1.8
10
1.6
0 dB 12 dB 5 dB
1.4
5
1.2
1.0 0.0
0.5
1.0
1.5
2.0
0 -3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Frequency (GHz)
Control Voltage (V)
Phas
30
Handling Procedures
Please observe the following precautions to avoid damage:
20
Static Sensitivity
10
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
-2.5 -2.0 -1.5 -1.0 -0.5 0.0
0 -3.0
Control Voltage (V)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAV-007941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X